|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Monolithic crystal filter MQF21.4-1200/15 Application * 6 pol filter * i.f.- filter * use in mobile and stationary transceivers Limiting values Unit Value Center frequency Insertion loss Pass band at 3.0 dB Ripple in pass band Stop band attenuation Alternate attenuation IMD at Po=-7 dBm fo fo 5.0 kHz fo 14 kHz fo 20 kHz fo 20...300 kHz f1=fo 20 kHz f2=fo 40 kHz MHz dB kHz dB dB dB dB dB 21.4 2.5 6.0 2.0 45 > 65 > 65 > 75 Terminating impedance Z R1 || C1 R2 || C2 Ohm/pF Ohm/pF 1200 || 2.5 1200 || 2.5 Operating temp. range C -20... +70 Characterstics Pass band MQF21.4-1200/15 Stop band Pin connections: 1 2 3 4 Input Input-E Output Output-E 05.05.98 TELE FILTER Zweigniederlassung der DOVER EUROPE GMBH Potsdamer Str. 18 D- 14513 Teltow ! (+49)03328-4784-10 ; Fax (+49)03328-4784-30 http:\\www.telefilter.com |
Price & Availability of MQF214-120015 |